PART |
Description |
Maker |
M24SR16-YMC6T/2 M24SR16-YDW6T/2 |
16-Kbit Dynamic NFC / RFID tag with NFC Forum Tag Type 4 and I2C interface
|
ST Microelectronics
|
NTAG213 NT2H1311G0DUD NT2H1511G0DUD |
NFC Forum Type 2 Tag compliant IC with 144/504/888 bytes user memory
|
NXP Semiconductors
|
AS3955 AS3955-ASWF-S4 AS3955-ATDM-S2 AS3955-ATDM-I |
NFC Forum Compliant Dynamic Tag
|
ams AG
|
M24LR64E-R M24LR64E-RMN6T/2 |
64-Kbit Dynamic NFC/RFID tag with password protection, energy harvesting and RF status functions
|
ST Microelectronics
|
HARSH-TAG-80 |
UHF RFID HARSH-TAG-80 Tag-on-metal
|
PREMO CORPORATION S.L
|
MC33161D MC33161DR2 MC33161P MC34161 MC34161D MC34 |
Tag-it(TM) HF-I Plus Transponder Inlays CD 0-RFIDN -25 to 70 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Tag-it(TM) HF-I Pro Standard Transponder Inlays CD 0-RFIDN -25 to 70 Tag-it(TM) HF-I Standard Transponder Inlays 24.2-mm Circular 0-RFIDN -25 to 70 Universal Voltage Monitors
|
ONSEMI[ON Semiconductor]
|
IDT6178S IDT6178S10D IDT6178S10DB IDT6178S10P IDT6 |
CMOS StaticRAM 16K (4K x 4-BIT) CACHE-TAG RAM Low-Power JFET-Input Operational Amplifier 8-PDIP 0 to 70 4K X 4 CACHE TAG SRAM, 15 ns, CDIP22 Dual Low-Power JFET-Input General-Purpose Operational Amplifier 8-SOIC 0 to 70 4K X 4 CACHE TAG SRAM, 15 ns, PDSO24 CMOS StaticRAM 16K (4K x 4-BIT) CACHE-TAG RAM 4K X 4 CACHE TAG SRAM, 25 ns, PDSO24 CMOS StaticRAM 16K (4K x 4-BIT) CACHE-TAG RAM 4K X 4 CACHE TAG SRAM, 25 ns, CDIP22 IC 8-BIT BUS SW 2-PORT 20-QSOP
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
GS84118B-150I |
256K x 18 Sync Cache Tag 256K X 18 CACHE TAG SRAM, 10 ns, PBGA119
|
GSI Technology, Inc.
|
MC33153D MC33153P |
Tag-it(TM) HF-I Standard Transponder Inlays Large Rectangle 0-RFIDN -25 to 70 Tag-it(TM) HF-I Plus Transponder Inlays Miniature Rectangle 0-RFIDN -25 to 70 2 A BUF OR INV BASED PRPHL DRVR, PDIP8
|
Motorola, Inc. Motorola Mobility Holdings, Inc.
|
CR95HF CR95HF-VMD5T |
NFC Reader IC
|
ST Microelectronics
|
PN65K |
Near Field Communication (NFC) SmartConnect Module
|
NXP
|